Part Number Hot Search : 
BEFXX SEA6461J MTRPB 12N10 C67078 OA2NP34S 2SA1603R 014IRBL
Product Description
Full Text Search
 

To Download EIA1414-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIA1414-6
UPDATED 12/5/2005
14.00-14.50 GHz 6-Watt Internally Matched Power FET
FEATURES
* * * * * * 14.00- 14.50GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +37.5 dBm Output Power at 1dB Compression 8.0 dB Power Gain at 1dB Compression 33% Power Added Efficiency Hermetic Metal Flange Package
.060 MIN.
Excelics
EIA1414-6
YM SN
.094 .382
.060 MIN.
.650.008 .512
GATE
DRAIN
.319
.022
.045 .004
.070 .008
.129
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 14.00-14.50GHz VDS = 8 V, IDSQ 1600mA Gain at 1dB Compression f = 14.00-14.50GHz VDS = 8 V, IDSQ 1600mA Gain Flatness f = 14.00-14.50GHz VDS = 8 V, IDSQ 1600mA Power Added Efficiency at 1dB Compression f = 14.00-14.50GHz VDS = 8 V, IDSQ 1600mA Drain Current at 1dB Compression Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
36.5 7.0
TYP
37.5 8.0
MAX
UNITS
dBm dB
0.6 33 1800 2800 -1.0 4.5 2100 3500 -2.5 5.0
o
dB % mA mA V C/W
f = 14.00-14.50GHz
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 28mA
2) S.C.L. = Single Carrier Level.
Note: 1) Tested with 100 Ohm gate resistor.
3) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING
SYMBOLS
1,2
PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Reserve Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation
ABSOLUTE1 12 -5 IDSS 43.2mA -7.2mA 36.5dBm 175 oC -65 to +175 oC 30W
CONTINUOUS2 8V -3V 3.5A 14.4mA -2.4mA @ 3dB Compression 175 oC -65 to +175 oC 30W
Vds Vgs Ids Igsf Igsr Pin Tch Tstg Pt
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 1 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised December 2005


▲Up To Search▲   

 
Price & Availability of EIA1414-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X